Part Number Hot Search : 
0B6TR S13D2 1N746 20U60 ATTINY SXXXXC 19371352 8016A
Product Description
Full Text Search
 

To Download 802-90-016-66-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 800
PCB connectors 2.54 mm Single row / double row Press-fit
33
Pin connectors, press-fit Pin connectors with screw-machined pin 0.76 mm With compliant pin for solderless mount into PCB plated-thru holes 1 mm + 0.09/- 0.06 mm For corresponding connectors see pages 22 to 29 New version with modified eye of the needle pin
Platings 10 90
Sleeve
Clip
Pin 0.25 m Au 5 m Sn Pb
Ordering information Replace xxx with the number of poles, e.g. 802-10-xxx-65-001 for a double row version with 8 pins per row becomes: 802-10-016-65-001 (Older versions 800/802-..-...-61/62-001 please consult)
for PCB thickness 1.5 to 2.0 mm D = 2.80 mm 800-10-xxx-65-001 800-90-xxx-65-001 for PCB thickness 2.1 to 3.2 mm D = 3.80 mm 800-10-xxx-66-001 800-90-xxx-66-001
Press-fit pin connector: single row Availability from: 1 to 64 contacts Standard number of contacts 5, 6, 8, 10, 14, 16, 20, 21, 25, 30, 32, 48, 56, 60, 64 New version with modified eye of the needle pin
for PCB thickness 1.5 to 2.0 mm D = 2.80 mm 802-10-xxx-65-001 802-90-xxx-65-001 for PCB thickness 2.1 to 3.2 mm D = 3.80 mm 802-10-xxx-66-001 802-90-xxx-66-001
Press-fit pin connector: double row Availability from: 4 to 72 contacts Standard number of contacts 40, 44, 56, 64, 72 New version with modified eye of the needle pin


▲Up To Search▲   

 
Price & Availability of 802-90-016-66-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X